PART |
Description |
Maker |
M59DR008E120ZB6T |
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory 8兆位512KB的x16插槽,双行,第低压闪
|
STMicroelectronics N.V.
|
M45PE40 M45PE40-VMN6G M45PE40-VMN6P M45PE40-VMN6TG |
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
|
Numonyx B.V
|
M459E16VMP6G M459E16VMP6P M459E16VMP6TG M459E16VMP |
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
|
STMicroelectronics
|
M45PE20-VMN6P M45PE20-VMN6TP M45PE20-VMP6G M45PE20 |
2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
ST Microelectronics
|
M45PE80 M45PE80-VMN6G M45PE80-VMN6P M45PE80-VMN6TG |
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
|
Numonyx B.V
|
M25PE10-VMN6G M25PE10-VMP6G M25PE10-VMP6P M25PE10- |
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
|
STMicroelectronics
|
M29DW127G M29DW127G70NF6E |
128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
|
Numonyx B.V
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
IS41C16105 IS41C16105-50K IS41C16105-50KE IS41C161 |
1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE 1M X 16 FAST PAGE DRAM, 50 ns, PDSO42 1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE 1M X 16 FAST PAGE DRAM, 50 ns, PDSO44
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Circuit Solution Inc Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
M29W128GH70N3E M29W128GL |
128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory 128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
|
Numonyx B.V
|